Part Number Hot Search : 
HER204 1N582 53248 B410000 QFP144 05121 NSA341 MXP2001
Product Description
Full Text Search
 

To Download ULBM2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM2T
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM2T is Designed for Class C, FM Land Mobile Applications up to 470 MHz.
FEATURES:
* Common Emitter * PG = 6.0 dB at 2.0 W/470 MHz * OmnigoldTM Metalization System
PACKAGE STYLE TO-39
B OA 45 C
OD E
MAXIMUM RATINGS
IC VCB0 VCEO VCES VEBO PDISS TJ TSTG JC 0.75 A 36 V 16 V 36 V
DIM
F
G
H
MINIMUM
inches / mm
MAXIMUM
inches / mm
4.0 V 5 W @ TC = 25 C -65C to +200 C -65 C to +150 C 35 C/W
A B C D E F G H .016 / 0.407 .029 / 0.740 .028 / 0.720 .335 / 8.510 .305 / 7.750 .240 / 6.100
.200 / 5.080 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .260 / 6.600 .500 / 12.700 .020 / 0.508
ORDER CODE: ASI10676
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG C IC = 25 mA
TC = 25 C
NONETEST CONDITIONS
IC = 5.0 mA IE = 1.0 mA VCE = 15 V VCE = 5.0 V VCB = 12 V VCC = 12.5 V POUT = 2.0 W IC = 100 mA f = 1.0 MHz f = 470 MHz
MINIMUM TYPICAL MAXIMUM
16 36 4.0 1.0 20 10 6.0 55
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of ULBM2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X